PART |
Description |
Maker |
AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1 |
800mA low dropout regulator 2,5V 800mA low dropout regulator 3V 800mA low dropout regulator 1,5V 800mA low dropout regulator 5V 800mA Low Dropout Regulator SCSI-II Active Terminator AB 2C 2#16 SKT RECP 800mA low dropout regulator 2,85V 800mA low dropout regulator 3,3V
|
ALPHA Semiconductor Alpha Industries Inc ETC[ETC] ALPHA[Alpha Industries] Alpha Industries, Inc.
|
AS1117M3 AS1117U-5.0 AS1117T-2.5 AS1117S-5.0 AS111 |
ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 Analog IC 模拟IC Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 800mA Low Dropout Regulator
SCSI-II Active Terminator
|
Alpha Industries, Inc. TE Connectivity, Ltd. SIPEX
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
AZ1117BH-2.5TRE1 AZ1117BH-3.3TRE1 |
800mA LOW DROPOUT LINEAR REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO3 800mA LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO3
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd.
|
LM1117-3.3 |
800mA Low-dropout Linear Regulator
|
NS
|
IRU1117-33PBF |
800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
International Rectifier
|
IRU1117 |
800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
International Rectifier
|
AS1117M3 AS1117M3-X AS1117R AS1117S AS1117S-X AS11 |
800mA Low Dropout Regulator SCSI-II Active Terminator
|
Alpha Industries
|
IRUB1117-18CD IRUB1117-18CP IRUB1117-18CS IRUB1117 |
800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR 800mA的低压差型正,固1.8V调节 800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR 800mA的低压差型正,固.8V调节
|
International Rectifier, Corp. IRF[International Rectifier]
|
LT1118CS8-5PBF LT1118CST-5TRPBF LT1118CST-5PBF LT1 |
Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO8 Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 2.1 V-6.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MIC5213-2.5BC5 MIC5213-2.8BC5 MIC5213-3.0BC5 MIC52 |
Teeny??SC-70 ??ap Low-Dropout Regulator Advance Information TeenySC-70 Cap Low-Dropout Regulator Advance Information 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 TeenySC-70 Cap Low-Dropout Regulator Advance Information 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 Teeny SC-70 μCap Low-Dropout Regulator(Teeny μCap技术SC-70封装低压差稳压器) 4.5V to 20V, 3A Synchronous Step Down SWIFT Converter 5.0 Vout 16-HTSSOP -40 to 85 TeenySC-70 レCap Low-Dropout Regulator Advance Information Teeny⑩ SC-70 レCap Low-Dropout Regulator Advance Information Teeny SC-70 Cap Low-Dropout Regulator Advance Information Teeny SC-70 μCap Low-Dropout Regulator Advance Information Teeny?/a> SC-70 μCap Low-Dropout Regulator Advance Information
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
CLM1117 CLM1117M CLM1117M-X CLM1117M-10 CLM1117M-2 |
GIGATRUE 550 CAT6 PATCH 20 FT, NON BOOT, PURPLE 800mA的低压差稳压器的SCSI - 2有源终结 800mA Low Dropout Regulator SCSI-II Active Terminator
|
Calogic LLC CALOGIC[Calogic, LLC]
|